Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADCREF1 Fiches technique(PDF) 27 Page - ATMEL Corporation

No de pièce ADCREF1
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF1 Fiches technique(HTML) 27 Page - ATMEL Corporation

Back Button ADCREF1 Datasheet HTML 22Page - ATMEL Corporation ADCREF1 Datasheet HTML 23Page - ATMEL Corporation ADCREF1 Datasheet HTML 24Page - ATMEL Corporation ADCREF1 Datasheet HTML 25Page - ATMEL Corporation ADCREF1 Datasheet HTML 26Page - ATMEL Corporation ADCREF1 Datasheet HTML 27Page - ATMEL Corporation ADCREF1 Datasheet HTML 28Page - ATMEL Corporation ADCREF1 Datasheet HTML 29Page - ATMEL Corporation ADCREF1 Datasheet HTML 30Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AVR32768
27
32157A-AVR-12/10
Table 14-3.
aWire port interface checklist.
Signal name
Recommended pin connection
Description
RESET_N
aWire in/out (half-duplex)
aWire in (full-duplex)
Disconnect from reset circuitry
Input/output
DATAOUT
aWire out (full-duplex mode only)
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30