| Moteur de recherche de fiches techniques de composants électroniques |
|
CSR13B565MD Fiches technique(PDF) 3 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR13B565MD Fiches technique(HTML) 3 Page - Kemet Corporation |
|
3 / 38 page ![]() TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE, T212 (CSR13) 6 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 KEMET standard hermetic sealed T110 Series are desirable for use in high humidi- ty environments. They are ruggedly built, designed for miniaturized circuitry, and are especially suited for coupling, bypass, filtering and R-C timing circuits. They exhibit excellent stability, extremely low DC leakage current, dissipation factor, and ESR/impedance over a wide temperature and frequency range. Available in standard EIA capacitance values from .0047-330 µF in ±20%, ±10%, and ±5% tolerances and working voltages from 6-125 VDC. Higher CV values in comparable case sizes are available in KEMET T140 Series. Refer to page 27. Included in the following Series table is a complete listing of CSR13 qualified MIL- PRF-39003 capacitors. KEMET is approved to manufacture the S (0.001%/k hrs.) Exponential & D (0.001%/k hrs.) Graded failure rate levels. KEMET is now offering low ESR limits in the T110 Series. See ESR chart on page 19. You may order the lower ESR by using Customer Specification 2864 as the last four digits of the part number. CAPACITOR OUTLINE DRAWINGS D B 1.50 ±.250 (38.10 ±6.35) 1.50 ±.250 (38.10 ±6.35) L C + DIMENSIONS — INCHES & (MILLIMETERS) UNINSULATED INSULATED DLD L B C CASE ±0.005 ±0.031 ±0.010 ±0.031 ±0.002 SIZE ±(.13) ±(.79) ±(.25) ±(.79) ±(.05) MAX. A 0.125 0.250 0.135 0.286 0.020 0.422 (3.18) (6.35) (3.43) (7.26) (.51) (10.72) B 0.175 0.438 0.185 0.474 0.020 0.610 (4.45) (11.13) (4.70) (12.04) (.51) (15.49) C 0.279 0.650 0.289 0.686 0.025 0.822 (7.09) (16.51) (7.34) (17.42) (.64) (20.88) D 0.341 0.750 0.351 0.786 0.025 0.922 (8.66) (19.05) (8.92) (19.96) (.64) (23.42) ORDERING INFORMATION* TXXXA105K050ASC TANTALUM SERIES T110, T212 (CSR13) T111, T213 (CSR91) T140, T242 (CSR23) CASE SIZE A / B / C / D PICOFARAD CODE First two digits represent significant figures. Third digit specifies number of zeros to follow. CAPACITANCE TOLERANCE M — ±20% K — ±10% J — ±5% VOLTAGE At 85°C **Part Number Example: T110A105K050AS (14 digits - no spaces) *For Military Ordering Information, see page 4. SPECIFICATION All capacitors are sleeved unless specified. LEAD MATERIAL S — Standard FAILURE RATE** GRADED EXPONENTIAL A — Not Applicable M — 1%/k hrs. B — 0.1%/k hrs. P — 0.1%/k hrs. C — 0.01%/k hrs. R — 0.01%/k hrs. D — 0.001%/k hrs. S — 0.001%/k hrs. **Failure Rates apply only to military products. MARKING INFORMATION +K 10% R56 µF 100V 0312 Polarity, Manufacturer’s Identification and Capacitance Tol. Nominal Capacitance — (µF) (“R” indicates decimal) Voltage Date Code (e.g.: 0312) A, B, C & D CASES Marking: Unless otherwise specified by special order, standard marking of T110 Series capacitor consists of the following: * For Military Marking, see page 4. Effective September 30, 2005, the KEMET T110 Series is RoHS Compliant. T – 100% Tin (T110, T140 Series only) |