Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4299 Fiches technique(PDF) 23 Page - Infineon Technologies AG

No de pièce TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Fiches technique(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 17Page - Infineon Technologies AG TLE4299 Datasheet HTML 18Page - Infineon Technologies AG TLE4299 Datasheet HTML 19Page - Infineon Technologies AG TLE4299 Datasheet HTML 20Page - Infineon Technologies AG TLE4299 Datasheet HTML 21Page - Infineon Technologies AG TLE4299 Datasheet HTML 22Page - Infineon Technologies AG TLE4299 Datasheet HTML 23Page - Infineon Technologies AG TLE4299 Datasheet HTML 24Page - Infineon Technologies AG TLE4299 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TLE 4299
Datasheet
23
Rev. 1.1, 2007-10-17
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Lead width can be 0.61 max. in dambar area
-0.2
8.75
1)
0.64
Index Marking
1.27
+0.10
0.41
0.1
1
14
2)
7
14x
8
±0.2
6
0.35 x 45˚
-0.2
4
1)
±0.25
-0.06
0.2 M AB
M
0.2
C
C
B
A
GPS01230
PG-DSO-14-30 (SMD)
(Plastic Dual Small Outline)
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25