Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE4263GS Fiches technique(PDF) 16 Page - Infineon Technologies AG

No de pièce TLE4263GS
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263GS Fiches technique(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4263GS Datasheet HTML 11Page - Infineon Technologies AG TLE4263GS Datasheet HTML 12Page - Infineon Technologies AG TLE4263GS Datasheet HTML 13Page - Infineon Technologies AG TLE4263GS Datasheet HTML 14Page - Infineon Technologies AG TLE4263GS Datasheet HTML 15Page - Infineon Technologies AG TLE4263GS Datasheet HTML 16Page - Infineon Technologies AG TLE4263GS Datasheet HTML 17Page - Infineon Technologies AG TLE4263GS Datasheet HTML 18Page - Infineon Technologies AG TLE4263GS Datasheet HTML 19Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
16
Rev. 2.8, 2007-03-20
TLE 4263
Figure 8
PG-DSO-20-35 (Plastic Dual Small Outline)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
-0.2
Index Marking
1
10
+0.15
0.35
0.2
20
2)
11
20x
0.1
10.3
7.6
±0.3
1)
Does not include plastic or metal protrusion of 0.15 max. per side
2)
1)
Does not include dambar protrusion of 0.05 max. per side
1.27
0.35 x 45˚
+0.8
0.4
12.8 -0.2
1)
GPS05094
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19