| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4263 Fiches technique(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4263 Fiches technique(HTML) 6 Page - Infineon Technologies AG |
|
6 / 19 page ![]() Data Sheet 6 Rev. 2.8, 2007-03-20 TLE 4263 Thermal Resistance Junction-ambient R thj-a – – – – 112 92 185 164 K/W K/W K/W K/W PG-DSO-14-30 1); Footprint only PG-DSO-14-30 1); 300 mm 2 Heat sink PG-DSO-8-16 1); Footprint only PG-DSO-8-16 1); 300 mm 2 Heat sink Junction-pin R thj-p – 32 K/W PG-DSO-14-30 2) 1) Worst case; package mounted on PCB 80 × 80 × 1.5 mm3; 35µ Cu; 5µ Sn; zero airflow. 2) Measured to pin 4. Table 2 Absolute Maximum Ratings (cont’d) Parameter Symbol Limit Values Unit Remarks Min. Max. |