| Moteur de recherche de fiches techniques de composants électroniques |
|
CSR91B565JA Fiches technique(PDF) 35 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR91B565JA Fiches technique(HTML) 35 Page - Kemet Corporation |
|
35 / 38 page ![]() TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T216 (CSS13) & T256 (CSS33) SERIES 38 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 MIL-PRF-39003/10 ORDERING INFORMATION M39003/10 — 3078S Military Specification Document Number Slash Sheet Number S — designates sleeved U — designates unsleeved MIL dash number signifies capacitance, voltage and failure rate (see ratings and part number tables). Military specification number Specification sheet number and trademark Military dash number and “S” for sleeved Polarity, “J” for JAN date code (1st digit indicates year and the next two digits indicate the week Lot, unique lot code 39003 10 - K 3078S +J310 XYA A CASE M39003 10 - 3082SJ 31433 +310 NABK Military specification number Specification sheet number Military dash number and “J” for JAN Source code Polarity, date code (1st digit indicates year and the next two digits indicate the week Lot code, unique lot code and trademark. B CASE MARKING INFORMATION M39003 10-2049SJ +6.8 µF 10% 35V 31433 0310 NAB K Military specification number Specification sheet number, military dash number and “J” for Jan. Positive terminal identifier and capacitance value Capacitance tolerance and voltage rating Source code Date code, lot code, unique lot code, and trademark C & D CASE T216/(CSS13) RATINGS & PART NUMBER REFERENCE (1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100. NOTE: Marking will include S or U after the MIL dash number, a third letter following lot symbol or lot code designates a unique lot identifier, and a black band on negative end of case. Black band on negative end. BC (0.1) (0.01) 5.6 A T216A565K006CS 0.3 6.0 7.5 4 4 0.90 2001(1) 3001(1) 6.8 A T216A685K006CS 0.3 6.0 7.5 6 6 0.80 2002(1) 3002(1) 47.0 B T216B476K006CS 1.5 24.0 30.0 6 6 0.24 2003(1) 3003(1) 56.0 B T216B566K006CS 1.5 24.0 30.0 6 6 0.24 3004(1) 3004(1) 150.0 C T216C157K006CS 4.5 90.0 113.0 8 8 0.09 2005(1) 3005(1) 180.0 C T216C187K006CS 5.5 110.0 138.0 8 8 0.08 3206(1) 3006(1) 270.0 D T216D277K006CS 6.5 130.0 163.0 8 8 0.07 2007(1) 3007(1) 330.0 D T216D337K006CS 7.5 150.0 188.0 8 8 0.06 2008(1) 3008(1) 3.9 A T216A395K010CS 0.3 6.0 7.5 4 4 1.00 2009(1) 3009(1) 4.7 A T216A475K010CS 0.4 7.0 8.8 4 4 0.90 2010(1) 3010(1) 27.0 B T216B276K010CS 2.0 40.0 50.0 6 6 0.25 2011(1) 3011(1) 33.0 B T216B336K010CS 2.5 50.0 63.0 6 6 0.24 2012(1) 3012(1) 39.0 B T216B396K010CS 2.5 50.0 63.0 6 6 0.24 2013(1) 3013(1) 82.0 C T216C826K010CS 4.0 80.0 100.0 6 6 0.12 2014(1) 3014(1) 100.0 C T216C107K010CS 5.0 100.0 125.0 8 8 0.11 2015(1) 3015(1) 120.0 C T216C127K010CS 6.0 120.0 150.0 8 8 0.10 2016(1) 3016(1) 180.0 D T216D187K010CS 9.0 180.0 226.0 8 8 0.08 2017(1) 3017(1) 220.0 D T216D227K010CS 10.0 200.0 250.0 8 8 0.07 2018(1) 3018(1) % @ -55°C +25°C MAX. MAX. ESR Ω @ 25°C, 100 kHz KEMET T216 SERIES µA @ +85° MAX. µA @ +125° MAX. DC LEAKAGE CASE SIZE KEMET EQUIVALENT PART NUMBER FOR CSS13 CAPACITORS MIL-PRF-39003/10 GRADED DASH NUMBER REFERENCE 10 VOLT RATING AT 85° C 6 VOLT RATING AT 85° C CAPACI- TANCE µF FAILURE RATE LEVEL (%/1000 HRS) % @ -85°C +125°C MAX. µA @ +25° MAX. MIL-PRF-39003 (CSS13) CAPACITORS MAX. DISSIPATION FACTOR |