Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C430 Fiches technique(PDF) 9 Page - Kemet Corporation

No de pièce C430
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

C430 Fiches technique(HTML) 9 Page - Kemet Corporation

Back Button C430 Datasheet HTML 5Page - Kemet Corporation C430 Datasheet HTML 6Page - Kemet Corporation C430 Datasheet HTML 7Page - Kemet Corporation C430 Datasheet HTML 8Page - Kemet Corporation C430 Datasheet HTML 9Page - Kemet Corporation C430 Datasheet HTML 10Page - Kemet Corporation C430 Datasheet HTML 11Page - Kemet Corporation C430 Datasheet HTML 12Page - Kemet Corporation C430 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
12
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”
ULTRA-STABLE TEMPERATURE CHARACTERISTIC — C0G/NP0
RATINGS & PART NUMBER REFERENCE
For packaging information, see pages 46 and 48.
50
100
200
50
100
200
50
100
200
50
100
200
50
100
200
1.0pF
109
C,D
1.5
159
C,D
1.8
189
C,D
2.2
229
C,D
2.7
279
C,D
3.3
339
C,D
3.9
399
C,D
4.7
479
C,D
5.6
569
C,D
6.8
689
C,D
8.2
829
C,D
10
100
J,K,M
12
120
J,K,M
15
150
J,K,M
18
180
J,K,M
22
220
J,K,M
27
270
J,K,M
33
330
J,K,M
39
390
J,K,M
47
470
J,K,M
56
560
J,K,M
68
680
J,K,M
82
820
J,K,M
100
101
J,K,M
120
121
J,K,M
150
151
J,K,M
180
181
J,K,M
220
221
J,K,M
270
271
J,K,M
330
331
J,K,M
390
391
J,K,M
470
471
J,K,M
560
561
J,K,M
680
681
J,K,M
820
821
J,K,M
1000
102
J,K,M
1200
122
J,K,M
1500
152
J,K,M
1800
182
J,K,M
2200
222
J,K,M
2700
272
J,K,M
3300
332
J,K,M
3900
392
J,K,M
4700
472
J,K,M
5600
562
J,K,M
6800
682
J,K,M
8200
822
J,K,M
.010uF
103
J,K,M
.012
123
J,K,M
.015
153
J,K,M
Cap
Cap
Code
Cap
Tol
Style
WVDC
WVDC
WVDC
WVDC
WVDC
C440
C412
C410
C430
C420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14