| Moteur de recherche de fiches techniques de composants électroniques |
|
EXPI9400PF Fiches technique(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EXPI9400PF Fiches technique(HTML) 1 Page - Intel Corporation |
|
1 / 4 page ![]() Connectivity You Can Count On Take advantage of PCI Express (PCIe*) server slots and fiber- optic connectivity to enhance network performance with the Intel® PRO/1000 PF Server Adapter. The dedicated input/output (I/O) bandwidth of PCIe ensures priority performance – without bus sharing – for Gigabit Ethernet connectivity in fiber-optic networks. Additionally, the Intel PRO/1000 PF Server Adapter is designed to provide high performance in multi-processor systems by efficiently balancing network loads across multiple Central Processing Units (CPUs) when used with Receive-Side Scaling from Microsoft or Scalable I/O on Linux.* The Intel PRO/1000 PF Server Adapter represents the fifth generation of Intel® network adapters for Gigabit Ethernet, and features the high noise immunity and long-distance reach of fiber- optic connectivity. For easy installation and management, all Intel® PRO Network Connections are supported by Intel® PRO Intelligent Install and the new Intel® PROSet Utility for Microsoft* Device Manager. Intel PROSet simplifies adapter installation and gives you point-and-click power to configure and manage all your Intel PRO Network Connections for connectivity you can count on. Companion Products Consider these Intel® products in your server and network planning: • Intel® PRO/1000 Server Adapters – Copper or fiber-optic network connectivity, up to four ports per card – Solutions for PCI Express, PCI-X,* and PCI interfaces • Intel® PRO/10GbE Server Adapters – CX4 offering for cost-effective 10 Gigabit-over-copper connections – Short-range and long-range connectivity solutions for fiber-optic cabling • Intel® PRO/1000 Desktop Adapters for PCI Express and PCI interfaces • Other Intel® PRO Desktop and Server Adapters • Intel® Xeon® processors • Intel® Server Boards Product Brief Intel® PRO/1000 PF Server Adapter Network Connectivity Intel® PRO/1000 PF Server Adapter Trusted 1000BASE-SX PCI Express* Gigabit Fiber Connection for Servers • High-performance 1000BASE-SX network connection for PCI Express* slots • Multi-Gigabit scalability and increased uptime through advanced server features • Built on Intel® lead-free1 technology |
Numéro de pièce similaire - EXPI9400PF |
|
Description similaire - EXPI9400PF |