| Moteur de recherche de fiches techniques de composants électroniques |
|
IR2302SPbF Fiches technique(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR2302SPbF Fiches technique(HTML) 3 Page - International Rectifier |
|
3 / 22 page ![]() IR2302(S) & (PbF) www.irf.com 3 Dynamic Electrical Characteristics VBIAS (VCC, VBS) = 15V, CL = 1000 pF, and TA = 25°C unless otherwise specified. Symbol Definition Min. Typ. Max. Units Test Conditions ton Turn-on propagation delay 550 750 950 VS = 0V toff Turn-off propagation delay — 200 280 VS = 0V or 600V tsd Shut-down propagation delay — 200 280 MT Delay matching, HS & LS turn-on/off — 0 50 tr Turn-on rise time — 130 220 VS = 0V tf Turn-off fall time — 50 80 VS = 0V DT Deadtime: LO turn-off to HO turn-on(DTLO-HO) & 400 540 680 HO turn-off to LO turn-on (DTHO-LO) MDT Deadtime matching = DTLO - HO - DTHO-LO —0 60 nsec Static Electrical Characteristics VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIL, VIH and IIN parameters are referenced to COM and are applicable to the respective input leads: IN and SD. The VO, IO and Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO. Symbol Definition Min. Typ. Max. Units Test Conditions VIH Logic “1” input voltage for HO & logic “0” for LO 2.9 — — VCC = 10V to 20V VIL Logic “0” input voltage for HO & logic “1” for LO — — 0.8 VCC = 10V to 20V VSD,TH+ SD input positive going threshold 2.9 —— VCC = 10V to 20V VSD,TH- SD input negative going threshold —— 0.8 VCC = 10V to 20V VOH High level output voltage, VBIAS - VO — 0.8 1.4 IO = 20 mA VOL Low level output voltage, VO — 0.3 0.6 IO = 20 mA ILK Offset supply leakage current — — 50 VB = VS = 600V IQBS Quiescent VBS supply current 20 60 100 VIN = 0V or 5V IQCC Quiescent VCC supply current 0.4 1.0 1.6 mA VIN = 0V or 5V IIN+ Logic “1” input bias current — 5 20 IN = 5V, SD = 0V IIN- Logic “0” input bias current — — 2 IN = 0V, SD = 5V VCCUV+ VCC and VBS supply undervoltage 3.3 4.1 5 VBSUV+ positive going threshold VCCUV- VCC and VBS supply undervoltage 3 3.8 4.7 VBSUV- negative going threshold VCCUVH Hysteresis 0.1 0.3 — VBSUVH IO+ Output high short circuit pulsed vurrent 120 200 — VO = 0V, PW ≤ 10 µs IO- Output low short circuit pulsed current 250 350 — VO = 15V,PW ≤ 10 µs V µA µA V mA |