| Moteur de recherche de fiches techniques de composants électroniques |
|
ZRO0833A1LF Fiches technique(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
ZRO0833A1LF Fiches technique(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 810 820 830 840 850 0 0.6 1.2 1.8 2.4 3 3.6 4.2 4.7 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module ZRO0833A1LF A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 -6 -5 -4 -3 -2 817 822 826 829 832 835 838 841 843 FREQUENCY (MHz) Physical Dimensions SOLDER MASK GOLD PLATED PADS NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 Z-COMM XXXXXXXX-LF W/O# D/C BOTTOM P1 Vt P2 RF OUT P3 Vcc PIN CONFIGURATION REST GROUND |