| Moteur de recherche de fiches techniques de composants électroniques |
|
ZRO0690B2LF Fiches technique(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
ZRO0690B2LF Fiches technique(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 682 684 686 688 690 692 694 696 698 700 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module ZRO0690B2LF A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. o °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 6 7 8 9 10 11 12 13 14 684 685 686 688 689 690 691 692 693 694 695 696 697 FREQUENCY (MHz) Physical Dimensions SOLDER MASK GOLD PLATED PADS REST GROUND PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc Z-COMM XXXXXXXX-LF W/O# D/C NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 |