| Moteur de recherche de fiches techniques de composants électroniques |
|
MSC8102 Fiches technique(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8102 Fiches technique(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 80 page ![]() FC-CBGA (HCTE) Package Description MSC8102 Quad Core Digital Signal Processor, Rev. 12 Freescale Semiconductor 3-17 T16 IRQ5/DP5/DACK4/EXT_BG3 V12 D13 T17 IRQ4/DP4/DACK3/EXT_DBG3 V13 D18 T18 IRQ1/DP1/DACK1/EXT_BG2 V14 D20 T19 D30 V15 GND T20 GND V16 D24 T21 A15 V17 D27 T22 A14 V18 D29 U2 HD16 V19 A8 U3 HD19 V20 A9 U4 HD2/DSI64 V21 A10 U5 D2 V22 A11 U6 D3 W2 HD6 U7 D6 W3 HD5/CNFGS U8 D8 W4 HD4/MODCK2 U9 D9 W5 GND U10 D11 W6 GND U11 D14 W7 VDDH U12 D15 W8 VDDH U13 D17 W9 GND U14 D19 W10 HDST1 U15 D22 W11 HDST0 U16 D25 W12 VDDH U17 D26 W13 GND U18 D28 W14 HD40/D40 U19 D31 W15 VDDH U20 VDDH W16 HD33/D33 U21 A12 W17 VDDH U22 A13 W18 HD32/D32 V2 HD3/MODCK1 W19 GND V3 VDDH W20 GND V4 GND W21 A7 V5 D0 W22 A6 V6 D1 Y2 HD7 V7 D4 Y3 HD15 V8 D5 Y4 VDDH V9 D7 Y5 HD9 V10 D10 Y6 VDD V11 D12 Y7 HD60/D60 Table 3-2. MSC8102 Signal Listing by Ball Designator (Continued) Locator Designator Signal Name Locator Designator Signal Name |