| Moteur de recherche de fiches techniques de composants électroniques |
|
2008152-1 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
2008152-1 Fiches technique(HTML) 2 Page - Tyco Electronics |
|
2 / 3 page ![]() 408-10154 LIGHT-N-LOK Connectors Rev A 2 of 3 Tyco Electronics Corporation Figure 3 Wires Bottomed in Connector Assembly 3. Pull the wire down through the slot in the strain– relief. See Figure 4. Figure 4 4. Rotate the wire 90 °. See Figure 5. Figure 5 5. Dress the wire 180 ° to complete the process. See Figure 6. Figure 6 Wires Dressed in Slots at 180° 6. Apply optional approved flammability rated tape or clamp to organize the wires. See Figure 7. Figure 7 Optional Tape or Clamp May Be Applied 4. CONNECTOR MATING Align the polarized mating faces of the connectors, and push the connectors together. DO NOT force the connectors to mate. When fully mated, the connectors must appear bottomed with each other and flush at the point of engagement. An audible and tactile “click” will be heard and felt. See Figure 8. |