Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V613ME13 Fiches technique(PDF) 2 Page - Z-Communications, Inc

No de pièce V613ME13
Description  Voltage-Controlled Oscillator Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZCOMM [Z-Communications, Inc]
Site Internet  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V613ME13 Fiches technique(HTML) 2 Page - Z-Communications, Inc

  V613ME13 Datasheet HTML 1Page - Z-Communications, Inc V613ME13 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tuning Curve, typ.
2040
2060
2080
2100
2120
2140
2160
2180
2200
2220
2240
2260
2280
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
°C
°C
°C
TUNING VOLTAGE (Vdc)
Power Curve, typ.
Footprint
Voltage-Controlled Oscillator
Surface Mount Module
V613ME13
A1
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
°C
°C
°C
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 2 of 2
FRM-S-002 B
-10
85
25
-10
85
25
0
1
2
3
4
5
6
7
8
9
10
2050
2072
2091
2109
2130
2151
2172
2195
2216
2236
2254
FREQUENCY (MHz)
Physical Dimensions
Z-COMM
XXXXXXXX-LF
W/O#
D/C
PACKAGE
H
MINI-14S
0.220
0.160
MINI-14S-LOW
0.130
MINI-14S-L
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
PIN CONFIGURATION
P1
Vt
P2
RF OUT
P3
Vcc
REST
GROUND



Html Pages

1 2