| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXV4006DPCENA Fiches technique(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXV4006DPCENA Fiches technique(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 22 page ![]() MPXV4006 Sensors Freescale Semiconductor 21 Pressure PACKAGE DIMENSIONS NOTES: 1. 2. 3. 4. CONTROLLING DIMENSION: INCH. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152) PER SIDE. DIMENSION "b" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM. N A C 0.004 (0.1) DETAIL G SEATING PLANE 8X P T ∅ D E e/2 e A M 0.004 (0.1) B C E1 A B A 0.008 (0.20) B C 8X b 2 PLACES 4 TIPS 1 4 8 5 F DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.300 0.330 7.11 7.62 A1 0.002 0.010 0.05 0.25 b 0.038 0.042 0.96 1.07 D 0.465 0.485 11.81 12.32 E E1 0.465 0.485 11.81 12.32 e M 0.270 0.290 6.86 7.36 N 0.080 0.090 2.03 2.28 P 0.009 0.011 0.23 0.28 T 0.115 0.125 2.92 3.17 0.100 BSC 2.54 BSC F 0.245 0.255 6.22 6.47 K 0.120 0.130 3.05 3.30 L 0.061 0.071 1.55 1.80 0˚ 7˚ 0˚ 7˚ θ 0.717 BSC 18.21 BSC K M GAGE PLANE DETAIL G L A1 θ .014 (0.35) CASE 1369-01 ISSUE O SMALL OUTLINE PACKAGE |