| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8572ECLPXAVND Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8572ECLPXAVND Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 140 page ![]() © 2010 Freescale Semiconductor, Inc. All rights reserved. Freescale Semiconductor Technical Data 1Overview This section provides a high-level overview of the features of the MPC8572E processor. Figure 1 shows the major functional units within the MPC8572E. 1.1 Key Features The following list provides an overview of the MPC8572E feature set: • Two high-performance 32-bit Book E–enhanced cores that implement the Power Architecture® technology: — Each core is identical to the core within the MPC8548 processor. — 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection. Caches can be locked entirely or on a per-line basis, with separate locking for instructions and data. — Signal-processing engine (SPE) APU (auxiliary processing unit). Provides an extensive instruction set for vector (64-bit) integer and fractional operations. These instructions use both Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 10 3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 15 4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 18 6. DDR2 and DDR3 SDRAM Controller . . . . . . . . . . . 19 7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 8. Ethernet: Enhanced Three-Speed Ethernet (eTSEC) 28 9. Ethernet Management Interface Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 50 10. Local Bus Controller (eLBC) . . . . . . . . . . . . . . . . . . 53 11. Programmable Interrupt Controller . . . . . . . . . . . . . 65 12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65 13. I 2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67 14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69 15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 71 16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82 17. Serial RapidIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 18. Package Description . . . . . . . . . . . . . . . . . . . . . . . . 100 19. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118 20. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122 21. System Design Information . . . . . . . . . . . . . . . . . . 125 22. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 135 23. Document Revision History . . . . . . . . . . . . . . . . . . 137 MPC8572E PowerQUICC III Integrated Processor Hardware Specifications Document Number: MPC8572EEC Rev. 4, 06/2010 |
Numéro de pièce similaire - MPC8572ECLPXAVND |
|
Description similaire - MPC8572ECLPXAVND |