Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA85232DA Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 2Page - NXP Semiconductors PCA85232DA Datasheet HTML 3Page - NXP Semiconductors PCA85232DA Datasheet HTML 4Page - NXP Semiconductors PCA85232DA Datasheet HTML 5Page - NXP Semiconductors PCA85232DA Datasheet HTML 6Page - NXP Semiconductors PCA85232DA Datasheet HTML 7Page - NXP Semiconductors PCA85232DA Datasheet HTML 8Page - NXP Semiconductors PCA85232DA Datasheet HTML 9Page - NXP Semiconductors PCA85232DA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
6 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
7.
Functional description
The PCA85232 is a versatile peripheral device designed to interface between any
microprocessor or microcontroller to a wide variety of LCD segment or dot matrix displays
(see Figure 3). It can directly drive any static or multiplexed LCD containing up to four
backplanes and up to 160 segments.
The display configurations possible with the PCA85232 depend on the required number of
active backplane outputs. A selection of display configurations is given in Table 4.
All of the display configurations given in Table 4 can be implemented in a typical system
as shown in Figure 4.
Fig 3.
Example of displays suitable for PCA85232
Table 4.
Selection of possible display configurations
Number of
Backplanes
Icons
Digits/Characters
Dot matrix/
Elements
7-segment
14-segment
4
640
80
40
640 dots (4
× 160)
3
480
60
30
480 dots (3
× 160)
2
320
40
20
320 dots (2
× 160)
1
160
20
10
160 dots (1
× 160)
7-segment with dot
14-segment with dot and accent
013aaa312
dot matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54