| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4470G Fiches technique(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4470G Fiches technique(HTML) 21 Page - Infineon Technologies AG |
|
21 / 24 page ![]() TLE 4470 Data Sheet 21 Rev. 1.2, 2008-03-20 Package Outlines Figure 6 PG-DSO-14 (Plastic Green Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area -0.2 8.75 1) 0.64 Index Marking 1.27 +0.10 0.41 0.1 1 14 2) 7 14x 8 ±0.2 6 0.35 x 45˚ -0.2 4 1) ±0.25 -0.06 0.2 M AB M 0.2 C C B A GPS01230 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/packages. Dimensions in mm SMD = Surface Mounted Device |