Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRS21171STRPBF Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRS21171STRPBF
Description  SINGLE CHANNEL DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRS21171STRPBF Fiches technique(HTML) 3 Page - International Rectifier

  IRS21171STRPBF Datasheet HTML 1Page - International Rectifier IRS21171STRPBF Datasheet HTML 2Page - International Rectifier IRS21171STRPBF Datasheet HTML 3Page - International Rectifier IRS21171STRPBF Datasheet HTML 4Page - International Rectifier IRS21171STRPBF Datasheet HTML 5Page - International Rectifier IRS21171STRPBF Datasheet HTML 6Page - International Rectifier IRS21171STRPBF Datasheet HTML 7Page - International Rectifier IRS21171STRPBF Datasheet HTML 8Page - International Rectifier IRS21171STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
IRS211(7,71,8)(S)
www.irf.com
© 2008 International Rectifier
3
Description
The IRS2117, IRS21171, and IRS2118 are high voltage, high speed power MOSFET and IGBT driver.
Proprietary HVIC and latch immune CMOS technologies enable ruggedized mono­lithic construction. The
logic input is compatible with standard CMOS outputs. The output driver features a high pulse current buffer
stage designed for minimum cross-conduction. The floating channel can be used to drive an N-channel
power MOSFET or IGBT in the high-side or low-side configuration which operates up to 600 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26