Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRPLDIM3 Fiches technique(PDF) 19 Page - International Rectifier

No de pièce IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Fiches technique(HTML) 19 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 15Page - International Rectifier IRPLDIM3 Datasheet HTML 16Page - International Rectifier IRPLDIM3 Datasheet HTML 17Page - International Rectifier IRPLDIM3 Datasheet HTML 18Page - International Rectifier IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.irf.com
- 19 -
The ballast was measured over the input dimming range:
Control
Input (V)
Frequency
(kHz)
Ballast
Power (W)
Lamp
Voltage
(V rms)
Arc Current
(mA rms)
Arc Power
(W rms)
RLS
Feedback
Voltage
1
57.0
14.6
190
8
1.5
0.07
2
55.7
15.5
201
15
3.5
0.15
3
55.4
18.6
200
30
7.0
0.30
4
55.2
21.3
195
45
10.0
0.45
5
55.0
23.7
187
60
12.0
0.60
6
54.0
26.0
180
80
15.0
0.80
7
52.8
28.5
173
95
19.0
0.90
8
51.5
31.0
167
118
22.0
1.15
9
49.0
33.4
162
136
25.5
1.37
10
48.7
33.5
161
138
26.2
1.40
Table 4: Dimming Test Results
These are average values as there is some frequency modulation occurring at all times as the
system regulates and compensates for impedance changes in the lamp.
The measured results show that the lamp arc current and power are reasonably linear with respect to the
input control voltage:
Arc Current
0
20
40
60
80
100
120
140
160
1
2
3
4
5
6
7
8
9
10
Arc Current
Fig 11. Graph of lamp arc current against control voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27