Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGA751L7 Fiches technique(PDF) 7 Page - Infineon Technologies AG

No de pièce BGA751L7
Description  Low Power Single-Band UMTS LNA (800, 900 MHz)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA751L7 Fiches technique(HTML) 7 Page - Infineon Technologies AG

Back Button BGA751L7 Datasheet HTML 3Page - Infineon Technologies AG BGA751L7 Datasheet HTML 4Page - Infineon Technologies AG BGA751L7 Datasheet HTML 5Page - Infineon Technologies AG BGA751L7 Datasheet HTML 6Page - Infineon Technologies AG BGA751L7 Datasheet HTML 7Page - Infineon Technologies AG BGA751L7 Datasheet HTML 8Page - Infineon Technologies AG BGA751L7 Datasheet HTML 9Page - Infineon Technologies AG BGA751L7 Datasheet HTML 10Page - Infineon Technologies AG BGA751L7 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
7
V3.2, 2009-05-27
BGA751L7 - Low Power Single-Band UMTS LNA
Electrical Characteristics
DC Characteristics
2.4
DC Characteristics
2.5
Gain Mode Select Truth Table
2.6
Switching Times
Table 4
DC Characteristics,
T
A =25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
2.6
2.8
3.0
V
Supply current high gain
mode
I
CCHG
3.3
mA
Supply current low gain
mode
I
CCLG
500
µA
Supply current standby
mode
I
CCOFF
0.1
2.0
µA
Logic level high
V
HI
1.5
2.8
V
VEN and VGS
Logic level low
V
LO
-0.2
0.0
0.5
V
Logic currents VEN
I
ENL
0.1
µA
VEN
I
ENH
5.0
6.0
µA
Logic currents VGS
I
GSL
0.1
µAVGS
I
GSH
5.0
6.0
µA
Table 5
Truth Table
Control Voltage
State
Bands V, VI and VIII
VEN
VGS
HG
LG
HL
OFF
ON
H
H
ON
OFF
L
L
STANDBY1)
1) In order to achieve minimum standby current it is encouraged to apply logic low-level at the VGS pin in standby mode
although this is not mandatory. Details see section 2.4.
LH
Table 6
Typical switching times;
T
A = -30 ... 85 °C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Settling time gainstep
t
GS
1
µs
Switching LG
↔ HG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com