Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGA711L7 Fiches technique(PDF) 10 Page - Infineon Technologies AG

No de pièce BGA711L7
Description  Low Power Single-Band UMTS LNA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA711L7 Fiches technique(HTML) 10 Page - Infineon Technologies AG

Back Button BGA711L7 Datasheet HTML 6Page - Infineon Technologies AG BGA711L7 Datasheet HTML 7Page - Infineon Technologies AG BGA711L7 Datasheet HTML 8Page - Infineon Technologies AG BGA711L7 Datasheet HTML 9Page - Infineon Technologies AG BGA711L7 Datasheet HTML 10Page - Infineon Technologies AG BGA711L7 Datasheet HTML 11Page - Infineon Technologies AG BGA711L7 Datasheet HTML 12Page - Infineon Technologies AG BGA711L7 Datasheet HTML 13Page - Infineon Technologies AG BGA711L7 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
BGA711L7 - Low Power Single-Band UMTS LNA
Electrical Characteristics
Measured RF Characteristics UMTS Bands I / IV / X (without ref. resistor)
Data Sheet
10
V3.2, 2009-05-27
2.10
Measured RF Characteristics UMTS Bands I / IV / X (without ref. resistor)
Table 8
Typical Characteristics 2100 MHz Band TA =25 °C, VCC =2.8 V, RREF =n/c
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Pass band range band I / X
2110
2170
MHz
Pass band range band IV
2110
2155
MHz
Current consumption
I
CCHG
3.3
mA
High gain mode
I
CCLG
0.5
mA
Low gain mode
Gain
S
21HG
16.7
dB
High gain mode
S
21LG
-7.7
dB
Low gain mode
Reverse Isolation1)
1) Verification based on AQL; not 100% tested in production
S
12HG
-36
dB
High gain mode
S
12LG
-8
dB
Low gain mode
Noise figure
NF
HG
1.1
dB
High gain mode
NF
LG
8.1
dB
Low gain mode
Input return loss1)
S
11HG
-21
dB
50
Ω, high gain mode
S
11LG
-14
dB
50
Ω, low gain mode
Output return loss1)
S
22HG
-19
dB
50
Ω, high gain mode
S
22LG
-18
dB
50
Ω, low gain mode
Stability factor2)
2) Guaranteed by device design; not tested in production
k
>2.3
DC to 10 GHz; all gain
modes
Input compression point1)
IP
1dBHG
-8
dBm
High gain mode
IP
1dBLG
-2
dBm
Low gain mode
Inband IIP31)
f1 - f2 =1MHz
Pf1 = Pf2 =-37 dBm
IIP3
HG
IIP3
LG
-2
7
dBm
High gain mode
Low gain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com