| Moteur de recherche de fiches techniques de composants électroniques |
|
IR3502MPBF Fiches technique(PDF) 35 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR3502MPBF Fiches technique(HTML) 35 Page - International Rectifier |
|
35 / 39 page ![]() IR3502 Page 35 of 39 July 28, 2009 LAYOUT GUIDELINES The following layout guidelines are recommended to reduce the parasitic inductance and resistance of the PCB layout, therefore minimizing the noise coupled to the IC. • Dedicate at least one middle layer for a ground plane LGND. • Connect the ground tab under the control IC to LGND plane through a via. • Place VCCL decoupling capacitor VCCL as close as possible to VCCL and LGND pins. • Place the following critical components on the same layer as control IC and position them as close as possible to the respective pins, ROSC, RVDAC, CVDAC, and CSS/DEL. Avoid using any via for the connection. • Place the compensation components on the same layer as control IC and position them as close as possible to EAOUT, FB, VO and VDRP pins. Avoid using any via for the connection. • Use Kelvin connections for the remote voltage sense signals, VOSNS+ and VOSNS-, and avoid crossing over the fast transition nodes, i.e. switching nodes, gate drive signals and bootstrap nodes. • Avoid analog control bus signals, VDAC, IIN, and especially EAOUT, crossing over the fast transition nodes. • Separate digital bus, CLKOUT, PHSOUT and PHSIN from the analog control bus and other compensation components. HOTSET VCCLDRV VRRDY IMON ENABLE VOSNS – To Phase ICs Digital To VCCL IIN VRHOT VCCL PHSOUT CLKOUT PHSIN To SYSTEM VOSNS + VO FB EAOUT LGND PLANE To Thermistor |