| Moteur de recherche de fiches techniques de composants électroniques |
|
BSP742R Fiches technique(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BSP742R Fiches technique(HTML) 17 Page - Infineon Technologies AG |
|
17 / 19 page ![]() Data Sheet 17 V1.3, 2008-02-06 Smart High-Side Power Switch BSP742R Package Outlines Figure 1 PG-DSO-8-24 (Plastic Dual Small Outline Package) (RoHS-compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb- free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). Please specify the package needed (e.g. green package) when placing an order 0.35 x 45˚ 1) -0.2 4 C 0.64 ±0.2 6 ±0.25 0.2 8x M C 1.27 +0.1 0.41 0.2 M A -0.06 B 8x B 2) Index Marking 5-0.2 1) 4 1 85 A 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area GPS01181 0.1 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm |