Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE6240GP Fiches technique(PDF) 17 Page - Infineon Technologies AG

No de pièce TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Fiches technique(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP Datasheet HTML 16Page - Infineon Technologies AG TLE6240GP Datasheet HTML 17Page - Infineon Technologies AG TLE6240GP Datasheet HTML 18Page - Infineon Technologies AG TLE6240GP Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
17
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Electrical and Functional Description of Blocks
5.4
Diagnostic Functions and FAULT-Pin
The device provides diagnosis information about the device and about the load. There are following diagnosis
flags implemented for each channel:
The diagnosis information of the protective functions, such as “over current” and “over temperature”
The open load diagnosis
The short to ground information.
For further details, refer to the Chapter “Control of the device”
FAULT - Fault pin. There is a general fault pin (open drain) which shows a high to low transition as soon as an
error occurs for any one of the sixteen channels. This fault indication can be used to generate a
µC interrupt.
Therefore a ‘diagnosis’ interrupt routine need only be called after this fault indication. This saves processor time
compared to a cyclic reading of the SO information.
As soon as a fault occurs, the fault information is latched into the diagnosis register. A new error will overwrite the
old error report. Serial data out pin (SO) is in a high impedance state when CS is high. If CS receives a LOW signal,
all diagnosis bits can be shifted out serially.
Electrical Characteristics: Diagnostic Functions
V
S = 4.5 V to 5.5 V, Tj = -40 °C to +150 °C, Reset = H (unless otherwise specified)
all voltages with respect to ground, positive current flowing into pin
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.4.1
Open Load Detection Voltage
V
DS(OL)
V
S - 2.5 VS - 2
V
S - 1.3 V
5.4.2
Output Pull-down Current
I
PD(OL)
50
90
150
µA
V
Reset = H
5.4.3
Fault Delay Time
t
d(fault)
50
100
200
µs–
5.4.4
Short to Ground Detection Voltage
V
DS(SHG)
V
S - 3.3 VS - 2.9 VS - 2.5 V
5.4.5
Short to Ground Detection Current
I
SHG
-50
-100
-150
µA
V
Reset = H
5.4.6
Overload Detection Threshold
I
D(lim) 1-8
11.3
2A
I
D(lim) 9-16
34
6A
5.4.7
Overtemperature Shutdown
Threshold1)
1) Specified by design and not subject to production test.
T
th(sd)
170
200
°C–
5.4.8
Overtemperature Hysteresis1)
T
hys
–10
–K
5.4.9
FAULT Output Low Voltage
V
faultL
––
0.4
V
I
faultL = 1.6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com