Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STHDLS101 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STHDLS101
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101 Fiches technique(HTML) 1 Page - STMicroelectronics

  STHDLS101 Datasheet HTML 1Page - STMicroelectronics STHDLS101 Datasheet HTML 2Page - STMicroelectronics STHDLS101 Datasheet HTML 3Page - STMicroelectronics STHDLS101 Datasheet HTML 4Page - STMicroelectronics STHDLS101 Datasheet HTML 5Page - STMicroelectronics STHDLS101 Datasheet HTML 6Page - STMicroelectronics STHDLS101 Datasheet HTML 7Page - STMicroelectronics STHDLS101 Datasheet HTML 8Page - STMicroelectronics STHDLS101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
December 2008
Rev 4
1/25
25
STHDLS101
AC coupled HDMI level shifter
Features
■ Converts low-swing alternating current (AC)
coupled differential input to high-definition
multimedia interface (HDMI) rev 1.3 compliant
■ HDMI level shifting operation up to 2.7 Gbps
per lane
■ Integrated 50
Ω termination resistors for
AC-coupled differential inputs
■ Input/output transition minimized differential
signaling (TMDS) enable/disable
■ Output slew rate control on TMDS outputs to
minimize electromagnetic interference (EMI)
■ Fail-safe outputs for backdrive protection
■ No re-timing or configuration required
■ Inter-pair output skew < 250 ps
■ Intra-pair output skew < 10 ps
■ Single power supply of 3.3 V
■ ESD protection: ±6 KV HBM on all I/O pins
■ Integrated display data channel (DDC) level
shifters. Pass-gate voltage limiters allow 3.3 V
termination on graphics and memory controller
hub (GMCH) pins and 5 V DDC termination on
HDMI connector pins
■ Hot-plug detect (HPD) signal level shifter from
HDMI/DVI connector
■ Integrated pull-down resistor on HPD_SINK
and OE_N inputs
Applications
■ Notebooks
■ PC motherboards and graphic cards
■ Dongles/cable adapters
Description
The STHDLS101 is a high-speed high-definition
multimedia interface (HDMI) level shifter that
converts low-swing AC coupled differential input
to HDMI 1.3 compliant open-drain current
steering RX-terminated differential output.
Through the existing PCI-E pins in the graphics
and memory controller hub (GMCH) of PCs or
notebook motherboards, the pixel clock provides
the required bandwidth (1.65 Gbps, 2.25 Gbps)
for the video supporting 720p, 1080i, 1080p with a
total of 36-bit resolution. The HDMI is multiplexed
onto the PCIe pins in the motherboard where the
AC coupled HDMI at 1.2 V is output by GMCH.
The AC coupled HDMI is then level shifter by this
device to 3.3 V DC coupled HDMI output. The
STHDLS101 supports up to 2.7 Gbps, which is
enough for 12 bits of color depth per channel, as
indicated in HDMI rev 1.3. The device operates
from a single 3.3 V supply and is available in a
48-pin QFN package.
QFN-48
(7 x 7 mm)
Table 1.
Device summary
Order code
Package
Packing
STHDLS101QTR
QFN-48
Tape and reel
www.st.com


Numéro de pièce similaire - STHDLS101

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STHDLS101A STMICROELECTRONICS-STHDLS101A Datasheet
365Kb / 24P
Enhanced AC coupled HDMI level shifter with configurable HPD output
22-Jun-2009
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
STHDLS101TQTR STMICROELECTRONICS-STHDLS101TQTR Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
More results

Description similaire - STHDLS101

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
DVI and HDMI level shifter
Rev. 01-8 July 2008
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
logo
Pericom Semiconductor C...
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
STMicroelectronics
STHDLS101A STMICROELECTRONICS-STHDLS101A Datasheet
365Kb / 24P
Enhanced AC coupled HDMI level shifter with configurable HPD output
22-Jun-2009
STHDLS101T STMICROELECTRONICS-STHDLS101T Datasheet
397Kb / 26P
AC coupled HDMI level shifter with configurable HPD output
01-Dec-2008
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
HDMI/DVI Level Shifter
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25