Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F212BCSDFP Fiches technique(PDF) 49 Page - Renesas Technology Corp

No de pièce R5F212BCSDFP
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSDFP Fiches technique(HTML) 49 Page - Renesas Technology Corp

Back Button R5F212BCSDFP Datasheet HTML 45Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 46Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 47Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 48Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 49Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 50Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 51Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 52Page - Renesas Technology Corp R5F212BCSDFP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
R8C/2A Group, R8C/2B Group
5. Electrical Characteristics
Rev.2.10
Nov 26, 2007
Page 47 of 60
REJ03B0182-0210
NOTE:
1.
VCC = 4.2 to 5.5 V at Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), f(XIN) = 20 MHz, unless otherwise specified.
Table 5.16
Electrical Characteristics (1) [VCC = 5 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Except P2_0 to P2_7,
XOUT
IOH = -5 mA
VCC
− 2.0
−
VCC
V
IOH = -200
µAVCC − 0.5
−
VCC
V
P2_0 to P2_7
Drive capacity HIGH IOH = -20 mA
VCC
− 2.0
−
VCC
V
Drive capacity LOW
IOH = -5 mA
VCC
− 2.0
−
VCC
V
XOUT
Drive capacity HIGH IOH = -1 mA
VCC
− 2.0
−
VCC
V
Drive capacity LOW
IOH = -500
µAVCC − 2.0
−
VCC
V
VOL
Output “L” voltage
Except P2_0 to P2_7,
XOUT
IOL = 5 mA
−−
2.0
V
IOL = 200
µA
−−
0.45
V
P2_0 to P2_7
Drive capacity HIGH IOL = 20 mA
−−
2.0
V
Drive capacity LOW
IOL = 5 mA
−−
2.0
V
XOUT
Drive capacity HIGH IOL = 1 mA
−−
2.0
V
Drive capacity LOW
IOL = 500
µA
−−
2.0
V
VT+-VT-
Hysteresis
INT0, INT1, INT2,
INT3, KI0, KI1, KI2,
KI3, TRAIO, TRFI,
RXD0, RXD1, CLK0,
CLK1, CLK2, SSI,
SCL, SDA, SSO
0.1
0.5
−
V
RESET
0.1
1.0
−
V
IIH
Input “H” current
VI = 5 V
−−
5.0
µA
IIL
Input “L” current
VI = 0 V
−−
-5.0
µA
RPULLUP
Pull-up resistance
VI = 0 V
30
50
167
k
Ω
RfXIN
Feedback
resistance
XIN
−
1.0
−
M
Ω
RfXCIN
Feedback
resistance
XCIN
−
18
−
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com