Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9954 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce L9954
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button L9954 Datasheet HTML 26Page - STMicroelectronics L9954 Datasheet HTML 27Page - STMicroelectronics L9954 Datasheet HTML 28Page - STMicroelectronics L9954 Datasheet HTML 29Page - STMicroelectronics L9954 Datasheet HTML 30Page - STMicroelectronics L9954 Datasheet HTML 31Page - STMicroelectronics L9954 Datasheet HTML 32Page - STMicroelectronics L9954 Datasheet HTML 33Page - STMicroelectronics L9954 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Package and packing information
L9954 / L9954XP
30/37
Doc ID 14279 Rev 3
6
Package and packing information
6.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.2
PowerSO-36™ package information
Figure 11. PowerSO-36™ package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37