| Moteur de recherche de fiches techniques de composants électroniques |
|
STU90N4F3 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STU90N4F3 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() Electrical characteristics STD90N4F3, STI90N4F3, STP90N4F3, STU90N4F3 4/16 Doc ID 14212 Rev 3 2 Electrical characteristics (TCASE = 25 °C unless otherwise specified) Table 4. Static Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage ID = 250 µA, VGS= 0 40 V IDSS Zero gate voltage drain current (VGS = 0) VDS = Max rating, VDS = Max rating,Tc = 125°C 10 100 µA µA IGSS Gate body leakage current (VDS = 0) VGS = ±20 V ± 200 nA VGS(th) Gate threshold voltage VDS= VGS, ID = 250 µA 2 4 V RDS(on) Static drain-source on resistance VGS= 10 V, ID= 40 A for DPAK 5.0 5.8 m Ω VGS= 10 V, ID= 40 A for IPAK, I²PAK, TO-220 5.4 6.2 m Ω Table 5. Dynamic Symbol Parameter Test conditions Min Typ. Max. Unit gfs (1) 1. Pulsed: pulse duration = 300µs, duty cycle 1.5% Forward transconductance VDS =25 V, ID=40 A - 100 S Ciss Coss Crss Input capacitance Output capacitance Reverse transfer capacitance VDS =25 V, f=1 MHz, VGS=0 - 2200 580 40 pF pF pF Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge VDD=20 V, ID = 80 A VGS =10 V (see Figure 14) - 40 11 8 54 nC nC nC |