| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C26 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C26 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 75 page ![]() R8C/26 Group, R8C/27 Group 1. Overview Rev.2.10 Sep 26, 2008 Page 11 of 69 REJ03B0168-0210 NOTES: 1. This can be assigned to the pin in parentheses by a program. 2. XCIN, XCOUT can be used only for N or D version. 3. For the combination of using pins TXD1 and RXD1, refer to Figure 15.7 Registers PINSR1 and PMR of Hardware Manual (REJ09B0278). Table 1.6 Pin Name Information by Pin Number Pin Number Control Pin Port I/O Pin Functions for of Peripheral Modules Interrupt Timer Serial Interface Clock Synchronous Serial I/O with Chip Select I2C bus Interface A/D Converter 1 P3_5 (TRCIOD)(1) SSCK SCL 2 P3_7 TRAO RXD1/ (TXD1)(1, 3) SSO 3 RESET 4 XOUT/XCOUT(2) P4_7 5 VSS/AVSS 6 XIN/XCIN(2) P4_6 7VCC/AVCC 8MODE 9 P4_5 INT0 (RXD1)(1, 3) 10 P1_7 INT1 TRAIO 11 P3_6 (INT1)(1) (TXD1)/ (RXD1)(1, 3) 12 P3_1 TRBO 13 P5_4 TRCIOD 14 P5_3 TRCIOC 15 P1_6 CLK0 (SSI)(1) 16 P1_5 (INT1)(1) (TRAIO)(1) RXD0 17 P1_4 TXD0 18 P1_3 KI3 (TRBO) AN11 19 P1_2 KI2 TRCIOB AN10 20 VRFF P4_2 21 P1_1 KI1 TRCIOA/ TRCTRG AN9 22 P1_0 KI0 AN8 23 P3_3 INT3 TRCCLK SSI 24 P3_4 (TRCIOC)(1) SCS SDA 25 P0_7 AN0 26 P0_6 AN1 27 P0_5 CLK1 AN2 28 P0_4 TREO AN3 29 P0_3 AN4 30 P0_2 AN5 31 P0_1 AN6 32 P0_0 (TXD1)(1, 3) AN7 |