| Moteur de recherche de fiches techniques de composants électroniques |
|
R28 Fiches technique(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Fiches technique(HTML) 73 Page - Renesas Technology Corp |
|
73 / 473 page ![]() R8C/28 Group, R8C/29 Group 7. Programmable I/O Ports Rev.2.10 Sep 26, 2008 Page 54 of 441 REJ09B0279-0210 Figure 7.3 Configuration of Programmable I/O Ports (3) P3_4, P3_5, and P3_7 1 Direction register Data bus Pull-up selection Input to individual peripheral function Output from individual peripheral function P3_3 Direction register Data bus Pull-up selection Input to individual peripheral function 1 Output from individual peripheral function Input to external interrupt Digital filter NOTE: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. (Note 1) (Note 1) (Note 1) (Note 1) Port latch Port latch |