| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103C8H7TR Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8H7TR Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 96 page ![]() Pinouts and pin description STM32F103x8, STM32F103xB 30/96 Doc ID 13587 Rev 12 C9 30 C7 42 68 21 PA9 I/O FT PA9 USART1_TX(8)/ TIM1_CH2(8) D10 31C643 69 22 PA10 I/O FT PA10 USART1_RX(8)/ TIM1_CH3(8) C10 32C844 70 23 PA11 I/O FT PA11 USART1_CTS/ CANRX(8)/ USBDM TIM1_CH4(8) B10 33B845 71 24 PA12 I/O FT PA12 USART1_RTS/ CANTX(8) //USBDP TIM1_ETR(8) A10 34 A8 46 72 25 PA13 I/O FT JTMS/SWDIO PA13 F8 - - - 73 - Not connected E6 35 D5 47 74 26 VSS_2 SVSS_2 F6 36 E5 48 75 27 VDD_2 SVDD_2 A9 37 A7 49 76 28 PA14 I/O FT JTCK/SWCLK PA14 A8 38 A6 50 77 29 PA15 I/O FT JTDI TIM2_CH1_ETR/ PA15 /SPI1_NSS B9 - B7 51 78 PC10 I/O FT PC10 USART3_TX B8 - B6 52 79 PC11 I/O FT PC11 USART3_RX C8 - C5 53 80 PC12 I/O FT PC12 USART3_CK D8 5 C1 5 81 2 PD0 I/O FT OSC_IN(9) CANRX E8 6 D1 6 82 3 PD1 I/O FT OSC_OUT(9) CANTX B7 B5 54 83 - PD2 I/O FT PD2 TIM3_ETR C7 - - - 84 - PD3 I/O FT PD3 USART2_CTS D7 - - - 85 - PD4 I/O FT PD4 USART2_RTS B6 - - - 86 - PD5 I/O FT PD5 USART2_TX C6 - - - 87 - PD6 I/O FT PD6 USART2_RX D6 - - - 88 - PD7 I/O FT PD7 USART2_CK A7 39 A5 55 89 30 PB3 I/O FT JTDO TIM2_CH2 / PB3 TRACESWO SPI1_SCK A6 40 A4 56 90 31 PB4 I/O FT JNTRST TIM3_CH1/ PB4/ SPI1_MISO Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |