| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103T8U6TR Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103T8U6TR Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 96 page ![]() STM32F103x8, STM32F103xB Pinouts and pin description Doc ID 13587 Rev 12 29/96 H7 - - - 46 - PE15 I/O FT PE15 TIM1_BKIN J7 21 G7 29 47 - PB10 I/O FT PB10 I2C2_SCL/ USART3_TX(8) TIM2_CH3 K7 22 H7 30 48 - PB11 I/O FT PB11 I2C2_SDA/ USART3_RX(8) TIM2_CH4 E7 23 D6 31 49 18 VSS_1 SVSS_1 F7 24 E6 32 50 19 VDD_1 SVDD_1 K8 25 H8 33 51 - PB12 I/O FT PB12 SPI2_NSS/ I2C2_SMBAl/ USART3_CK(8)/ TIM1_BKIN(8) J8 26 G8 34 52 - PB13 I/O FT PB13 SPI2_SCK/ USART3_CTS(8)/ TIM1_CH1N (8) H8 27 F8 35 53 - PB14 I/O FT PB14 SPI2_MISO/ USART3_RTS(8) TIM1_CH2N (8) G8 28 F7 36 54 - PB15 I/O FT PB15 SPI2_MOSI/ TIM1_CH3N(8) K9 - - - 55 - PD8 I/O FT PD8 USART3_TX J9 - - - 56 - PD9 I/O FT PD9 USART3_RX H9 - - - 57 - PD10 I/O FT PD10 USART3_CK G9 - - - 58 - PD11 I/O FT PD11 USART3_CTS K10 - - - 59 - PD12 I/O FT PD12 TIM4_CH1 / USART3_RTS J10 - - - 60 - PD13 I/O FT PD13 TIM4_CH2 H10 - - - 61 - PD14 I/O FT PD14 TIM4_CH3 G10 - - - 62 - PD15 I/O FT PD15 TIM4_CH4 F10 - F6 37 63 - PC6 I/O FT PC6 TIM3_CH1 E10 E7 38 64 - PC7 I/O FT PC7 TIM3_CH2 F9 E8 39 65 - PC8 I/O FT PC8 TIM3_CH3 E9 - D8 40 66 - PC9 I/O FT PC9 TIM3_CH4 D9 29 D7 41 67 20 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(8)/MCO Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |