| Moteur de recherche de fiches techniques de composants électroniques |
|
L9951XP Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9951XP Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 36 page ![]() L9951 / L9951XP Package and packing information Doc ID 14173 Rev 8 33/36 Figure 14. PowerSO-36TM tape and reel shipment (suffix “TR”) REEL DIMENSIONS Base Qty 600 Bulk Qty 600 A (max) 330 B (min) 1.5 C (±0.2) 13 D (min) 20.2 G (+2 / -0) 24.4 N (min) 60 T (max) 30.4 TAPE DIMENSIONS All dimensions are in mm. A0 15.20 ± 0.1 B0 16.60 ± 0.1 K0 3.90 ± 0.1 K1 3.50 ± 0.1 F 11.50 ± 0.1 P1 24.00 ± 0.1 W 24.00 ± 0.3 |