Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9951 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 26Page - STMicroelectronics L9951 Datasheet HTML 27Page - STMicroelectronics L9951 Datasheet HTML 28Page - STMicroelectronics L9951 Datasheet HTML 29Page - STMicroelectronics L9951 Datasheet HTML 30Page - STMicroelectronics L9951 Datasheet HTML 31Page - STMicroelectronics L9951 Datasheet HTML 32Page - STMicroelectronics L9951 Datasheet HTML 33Page - STMicroelectronics L9951 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Package and packing information
L9951 / L9951XP
30/36
Doc ID 14173 Rev 8
D *
15.80
16.00
D1
9.40
9.80
E
13.90
14.5
E1 *
10.90
11.10
E2
2.90
E3
5.80
6.20
e0.65
e3
11.05
G
0
0.10
H
15.50
15.90
h
1.10
L
0.8
1.10
M
N
10 deg
R
s
8 deg
Table 21.
PowerSO-36™ mechanical data (continued)
Symbol
Millimeters
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36