Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9951 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button L9951_10 Datasheet HTML 25Page - STMicroelectronics L9951_10 Datasheet HTML 26Page - STMicroelectronics L9951_10 Datasheet HTML 27Page - STMicroelectronics L9951_10 Datasheet HTML 28Page - STMicroelectronics L9951_10 Datasheet HTML 29Page - STMicroelectronics L9951_10 Datasheet HTML 30Page - STMicroelectronics L9951_10 Datasheet HTML 31Page - STMicroelectronics L9951_10 Datasheet HTML 32Page - STMicroelectronics L9951_10 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
L9951 / L9951XP
Package and packing information
Doc ID 14173 Rev 8
29/36
6
Package and packing information
6.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.2
PowerSO-36™ package information
Figure 11. PowerSO-36™ package dimensions
Table 21.
PowerSO-36™ mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
3.60
a1
0.10
0.30
a2
3.30
a3
0
0.10
b
0.22
0.38
c
0.23
0.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36