Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24M01-HWCS3G/A Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce M24M01-HWCS3G/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HWCS3G/A Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button M24M01-HWCS3G/A Datasheet HTML 27Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 28Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 29Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 30Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 31Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 32Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 33Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 34Page - STMicroelectronics M24M01-HWCS3G/A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
M24M01-R die description
Doc ID 12943 Rev 7
31/37
Table 18.
Pad coordinates(1)
1.
Pad locations are measured relative to the die center (where X and Y are the horizontal and vertical axis,
respectively, measured in µm). Refer to Figure 17.
Signal
X (µm)
Y (µm)
Pads
VCC
784.02
1683
8
WC
922
1383.1
7
SCL
922.78
–1171.22
6
SDA
922.78
–1450.14
5
VSS
–920.06
–1548.98
4
E2
–920.06
–1358.7
3
E1
–922.8
1270.7
2
E0
–922.8
1563.02
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37