Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCD1020RDM6F Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STCD1020RDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020RDM6F Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STCD1020RDM6F Datasheet HTML 18Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 19Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 20Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 21Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 22Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 23Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 24Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 25Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Typical operating characteristics
STCD1020, STCD1030, STCD1040
22/40
Doc ID 13823 Rev 6
Figure 17.
STCD10x0 recovery time from standby to active (STCD1040, 2.8 V
version, EN2=EN3=EN4=0, measure CLK1 when EN1 from 0 to 1)
Figure 18.
STCD10x0 buffer recovery time from off to on (STCD1040, 2.8 V version,
EN2=EN3=EN4=1, measure CLK1 when EN1 from 0 to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40