Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL128DN Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STL128DN
Description  High voltage fast-switching NPN power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL128DN Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STL128DN Datasheet HTML 4Page - STMicroelectronics STL128DN Datasheet HTML 5Page - STMicroelectronics STL128DN Datasheet HTML 6Page - STMicroelectronics STL128DN Datasheet HTML 7Page - STMicroelectronics STL128DN Datasheet HTML 8Page - STMicroelectronics STL128DN Datasheet HTML 9Page - STMicroelectronics STL128DN Datasheet HTML 10Page - STMicroelectronics STL128DN Datasheet HTML 11Page - STMicroelectronics STL128DN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Package mechanical data
STL128DN
8/14
Doc ID 13984 Rev 3
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14