| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103C8U6XXX Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8U6XXX Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 96 page ![]() Electrical characteristics STM32F103x8, STM32F103xB 40/96 Doc ID 13587 Rev 12 Table 13. Maximum current consumption in Run mode, code with data processing running from Flash Symbol Parameter Conditions fHCLK Max(1) 1. Based on characterization, not tested in production. Unit TA = 85 °C TA = 105 °C IDD Supply current in Run mode External clock(2), all peripherals enabled 2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz. 72 MHz 50 50.3 mA 48 MHz 36.1 36.2 36 MHz 28.6 28.7 24 MHz 19.9 20.1 16 MHz 14.7 14.9 8 MHz 8.6 8.9 External clock(2), all peripherals disabled 72 MHz 32.8 32.9 48 MHz 24.4 24.5 36 MHz 19.8 19.9 24 MHz 13.9 14.2 16 MHz 10.7 11 8 MHz 6.8 7.1 Table 14. Maximum current consumption in Run mode, code with data processing running from RAM Symbol Parameter Conditions fHCLK Max(1) 1. Based on characterization, tested in production at VDD max, fHCLK max. Unit TA = 85 °C TA = 105 °C IDD Supply current in Run mode External clock(2), all peripherals enabled 2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz. 72 MHz 48 50 mA 48 MHz 31.5 32 36 MHz 24 25.5 24 MHz 17.5 18 16 MHz 12.5 13 8 MHz 7.5 8 External clock(2), all peripherals disabled 72 MHz 29 29.5 48 MHz 20.5 21 36 MHz 16 16.5 24 MHz 11.5 12 16 MHz 8.5 9 8 MHz 5.5 6 |