| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPS2171STR Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPS2171STR Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 34 page ![]() Functional description STMPS2141, STMPS2151, STMPS2161, STMPS2171 10/34 Doc ID 13793 Rev 4 3.4 Reversed current blocking When the switch is OFF (disabled through the EN pin), or when the STMPS device is un- powered (VCC = 0 V) the switch behaves as an Hi-Z at the output pin, ensuring that no reverse current will flow into the device when Vi < Vo . Note: In the case where the switch is ON, and a voltage higher than VIN is applied to the OUT pin, a reverse current occurs. This operating condition is not allowed. 3.5 UVLO When the input voltage drops below critical values, the power switch turns off to prevent improper operation due to low voltage. |