Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCD1020 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STCD1020
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STCD1020 Datasheet HTML 10Page - STMicroelectronics STCD1020 Datasheet HTML 11Page - STMicroelectronics STCD1020 Datasheet HTML 12Page - STMicroelectronics STCD1020 Datasheet HTML 13Page - STMicroelectronics STCD1020 Datasheet HTML 14Page - STMicroelectronics STCD1020 Datasheet HTML 15Page - STMicroelectronics STCD1020 Datasheet HTML 16Page - STMicroelectronics STCD1020 Datasheet HTML 17Page - STMicroelectronics STCD1020 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Application information
STCD1020, STCD1030, STCD1040
14/40
Doc ID 13823 Rev 6
of the STCD1020, STCD1030 and STCD1040. The proper DC voltage is around half of the
supply.
The connection of the DC-CUT capacitor and bias for the STCD1020, STCD1030 and
STCD1040 is only needed when the output of VCTCXO voltage level exceeds the supply of
the clock distribution circuit (see Figure 10).
Figure 10.
Connection of the DC-CUT capacitor and bias
STCD1020
STCD1030
STCD1040
VCTCXO
MCLK
OUT
VCC
R1
R2
DC-CUT
0.1
μF
ai13957



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40