| Moteur de recherche de fiches techniques de composants électroniques |
|
STCD1020 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCD1020 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 40 page ![]() STCD1020, STCD1030, STCD1040 Package mechanical data Doc ID 13823 Rev 6 35/40 Figure 40. Carrier tape for TDFN8, TDFN10, and TDFN12 packages T K0 P1 A0 B0 P2 P0 CENTER LINES OF CAVITY W E F D TOP COVER TAPE USER DIRECTION OF FEED AM03073v1 Table 13. Carrier tape dimensions for TDFN8, TDFN10, and TDFN12 packages Package W D E P0 P2 FA0 B0 K0 P1 TUnit Bulk qty. TDFN8 8.00 +0.30/ –0.10 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 3.50 ±0.05 2.30 ±0.05 2.30 ±0.05 1.00 ±0.05 4.00 ±0.10 0.250 ±0.05 mm 3000 TDFN10 12.00 ±0.30 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 5.50 ±0.05 2.30 ±0.10 2.80 ±0.10 1.10 ±0.01 4.00 ±0.10 0.30 ±0.05 mm 3000 TDFN12 12.00 ±0.30 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 5.50 ±0.05 2.30 ±0.10 3.20 ±0.10 1.10 ±0.01 4.00 ±0.10 0.30 ±0.05 mm 3000 |