Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPS2141 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STMPS2141
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2141 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STMPS2141_09 Datasheet HTML 22Page - STMicroelectronics STMPS2141_09 Datasheet HTML 23Page - STMicroelectronics STMPS2141_09 Datasheet HTML 24Page - STMicroelectronics STMPS2141_09 Datasheet HTML 25Page - STMicroelectronics STMPS2141_09 Datasheet HTML 26Page - STMicroelectronics STMPS2141_09 Datasheet HTML 27Page - STMicroelectronics STMPS2141_09 Datasheet HTML 28Page - STMicroelectronics STMPS2141_09 Datasheet HTML 29Page - STMicroelectronics STMPS2141_09 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Package mechanical data
STMPS2141, STMPS2151, STMPS2161, STMPS2171
26/34
Doc ID 13793 Rev 4
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 53.
SOT23-5L package outline
Table 17.
SOT23-5L mechanical data
Symbol.
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.90
−
1.45
35.4
−
57.1
−−
−
−
−
−
A1
0.00
−
0.10
0.0
−
3.9
A2
0.90
−
1.30
35.4
−
51.2
b
0.35
−
0.50
13.7
−
19.7
C
0.09
−
0.20
3.5
−
7.8
D
2.80
−
3.00
110.2
−
118.1
E
1.50
−
1.75
59.0
−
68.8
e
−
0.95
−−
37.4
−
H
2.60
−
3.00
102.3
−
118.1
L
0.10
−
0.60
3.9
−
23.6
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34