| Moteur de recherche de fiches techniques de composants électroniques |
|
M95256-D-CS6G/K Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-D-CS6G/K Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 48 page ![]() Instructions M95256-DR, M95256, M95256-W, M95256-R 26/48 Doc ID 12276 Rev 11 The instruction is not accepted, and so not executed, under the following conditions: ● if the Write Enable Latch (WEL) bit has not been set to 1 (by previously executing a Write Enable instruction) ● if Status register bits (BP1,BP0) = (1,1) ● if a write cycle is already in progress ● if the device has not been deselected, by Chip Select (S) being driven high, at a byte boundary (after the eighth bit, b0, of the last data byte that was latched in) ● if the Identification page is locked by the Lock Status bit Figure 16. Lock ID sequence |