Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1117S18TR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce LD1117S18TR
Description  Adjustable and fixed low drop positive voltage regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117S18TR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button LD1117S18TR Datasheet HTML 34Page - STMicroelectronics LD1117S18TR Datasheet HTML 35Page - STMicroelectronics LD1117S18TR Datasheet HTML 36Page - STMicroelectronics LD1117S18TR Datasheet HTML 37Page - STMicroelectronics LD1117S18TR Datasheet HTML 38Page - STMicroelectronics LD1117S18TR Datasheet HTML 39Page - STMicroelectronics LD1117S18TR Datasheet HTML 40Page - STMicroelectronics LD1117S18TR Datasheet HTML 41Page - STMicroelectronics LD1117S18TR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LD1117xx
Package mechanical data
Doc ID 2572 Rev 28
39/42
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N60
2.362
T22.4
0.882
Ao
6.806.90
7.00
0.268
0.272
0.2.76
Bo
10.40
10.50
10.60
0.409
0.413
0.417
Ko
2.55
2.65
2.75
0.100
0.104
0.105
Po
3.9
4.0
4.1
0.153
0.157
0.161
P7.98.0
8.1
0.311
0.315
0.319
Tape & reel DPAK-PPAK mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42