| Moteur de recherche de fiches techniques de composants électroniques |
|
M95256-WCS6TG/K Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-WCS6TG/K Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 48 page ![]() Instructions M95256-DR, M95256, M95256-W, M95256-R 14/48 Doc ID 12276 Rev 11 5 Instructions Each instruction starts with a single-byte code, as summarized in Table 3. If an invalid instruction is sent (one not contained in Table 3), the device automatically deselects itself. Table 3. Instruction set Instruction Description Instruction format WREN Write Enable 0000 0110 WRDI Write Disable 0000 0100 RDSR Read Status Register 0000 0101 WRSR Write Status Register 0000 0001 READ Read from Memory Array 0000 0011 WRITE Write to Memory Array 0000 0010 Table 4. M95256-R instruction set Instruction Description Instruction format WREN Write Enable 0000 0110 WRDI Write Disable 0000 0100 RDSR Read Status Register 0000 0101 WRSR Write Status Register 0000 0001 READ Read from Memory Array 0000 0011 WRITE Write to Memory Array 0000 0010 Read Identification Page Reads the page dedicated to identification. 1000 0011(1) 1. Address bit A10 must be 0, all other address bits are Don't Care. Write Identification Page Writes the page dedicated to identification. 1000 0010(1) Read Lock Status Reads the lock status of the Identification Page. 1000 0011(2) 2. Address bit A10 must be 1, all other address bits are Don't Care. Lock ID Locks the Identification page in read-only mode. 1000 0010(2) |