| Moteur de recherche de fiches techniques de composants électroniques |
|
M95512-RCS3G/K Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95512-RCS3G/K Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 48 page ![]() M95512-W, M95512-R Description Doc ID 11124 Rev 13 7/48 Caution: As EEPROM cells loose their charge (and so their binary value) when exposed to ultra violet (UV) light, EEPROM dice delivered in wafer form or in WLCSP package by STMicroelectronics must never be exposed to UV light. Figure 2. SO8, TSSOP8 and UFDFPN8 connections 1. See Section 11: Package mechanical data for package dimensions, not and how to identify pin-1. Figure 3. WLCSP connections (top view, marking side, with balls on the underside) Table 1. Signal names Signal name Function Direction C Serial Clock Input D Serial Data Input Input Q Serial Data Output Output S Chip Select Input W Write Protect Input HOLD Hold Input VCC Supply voltage VSS Ground |