| Moteur de recherche de fiches techniques de composants électroniques |
|
PD57030STR-E Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD57030STR-E Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() PD57030-E, PD57030S-E Electrical data Doc ID 12613 Rev 2 3/18 1 Electrical data 1.1 Maximum ratings 1.2 Thermal data Table 2. Absolute maximum ratings (TCASE = 25°C) Symbol Parameter Value Unit V(BR)DSS Drain-source voltage 65 V VGS Gate-source voltage ± 20 V ID Drain current 4 A PDISS Power dissipation (@ TC = 70°C) 52.8 W TJ Max. operating junction temperature 165 °C TSTG Storage temperature -65 to +150 °C Table 3. Thermal data Symbol Parameter Value Unit RthJC Junction - case thermal resistance 1.8 °C/W |