Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95256-WCS6TG/A Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce M95256-WCS6TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-WCS6TG/A Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button M95256-WCS6TG/A Datasheet HTML 40Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 41Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 42Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 43Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 44Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 45Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 46Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 47Page - STMicroelectronics M95256-WCS6TG/A Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
M95256-DR, M95256, M95256-W, M95256-R
Revision history
Doc ID 12276 Rev 11
47/48
24-Jun-2010
10
M95256-DR part number added.
Updated Section 3.8: Operating supply voltage (VCC)
Updated Section 4.3: Data protection and protocol control
Updated Section 5.4: Write Status Register (WRSR)
Added note in Section 5.6: Write to Memory Array (WRITE)
Updated Table 7: Absolute maximum ratings
Added Table 20: AC characteristics (M95256-DR, M95256-R device grade
6)
Updated Table 20: AC characteristics (M95256-DR, M95256-R device
grade 6)
07-Sep-2010
11
Updated Section 1: Description.
Updated Section 5.7: Read Identification Page (available only in M95256-
DR devices).
Updated Section 5.8: Write Identification Page (available only in M95256-
DR devices).
Updated Section 5.9: Read Lock Status (available only in M95256-DR
devices).
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48